Part Number Hot Search : 
ST921 SMAJ17 KBL407G AD7542JN KBL407G SLA6826M SST824 KBL407G
Product Description
Full Text Search
 

To Download MASW-007656 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 RoHS Compliant
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
Features
* 802.11a + b/g Dual Band Applications * Broadband Performance: DC - 6.0 GHz * Low Insertion Loss: 0.75 dB @ 2.4 GHz 1.2 dB @ 5.3 GHz * High Isolation: 43 dB @ 2.4 GHz 27 dB @ 5.3 GHz * Fast Switching Speed: 0.5 m GaAs PHEMT * Lead-Free 3 mm 12-lead PQFN Package * 100% Matte Tin Plating over Copper * Halogen-Free "Green" Mold Compound * 260C Reflow Compatible
MASW-007656 V1P
Functional Schematic
GND Rx Tx
Pin 1
GND GND Vc1
GND GND Vc2
Description
M/A-COM's MASW-007656 is a broadband GaAs PHEMT MMIC diversity switch available in a low cost, lead-free 3 mm 12-lead PQFN package. The MASW-007656 is ideally suited for applications where very small size and low cost are required. Typical applications are for WLAN IEEE 802.11a and 802.11b/g systems that employ two antennas for transmit and receive diversity. Other applications include cordless phones and base stations. Designed for high power, this DPDT switch maintains high linearity up to 6.0 GHz. The MASW-007656 is fabricated using a 0.5 micron gate length GaAs PHEMT process. The process features full passivation for performance and reliability.
ANT1
Pin Configuration
Pin No.
1 2 3 4 5 6 7 8
Pin Name
GND GND VC1 ANT1 GND ANT2 VC2 GND GND Rx GND Tx Paddle 2
ANT2
Description
Ground Ground Control 1 Antenna Port 1 Ground Antenna Port 2 Control 2 Ground Ground Receive Port Ground Transmit Port RF and DC Ground
Ordering Information 1
Part Number
MASW-007656-TR3000 MASW-007656-000SMB
9 10
Package
3000 piece reel Sample Test Board (Includes 5 Samples)
11 12 13
1. Reference Application Note M513 for reel size information.
2. The exposed pad centered on the package bottom must be connected to RF and DC ground.
This PRELIMINARY Data Sheet contains information regarding a product M/A-COM has under development. Performance is based on measured results and target specifications. Commitment to produce in volume is not guaranteed. * Restrictions on Hazardous Substances, European Union Directive 2002/95/EC. 1
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
GND
RoHS Compliant
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz MASW-007656 V1P
Electrical Specifications: TA = 25C, Z0 = 50, Vc = 0 V / 3 V, 8 pF Capacitor 3
Parameter
Insertion Loss
4
Test Conditions
2.4 GHz 2 - 4 GHz 4 - 5 GHz 5.3 GHz 2.4 GHz 4.9 - 6 GHz 2.4 GHz 4.9 - 6 GHz 2.4 GHz 4.9 - 6 GHz Two Tone, 15 dBm/Tone, 5 MHz Spacing 2.4 GHz 5.3 GHz 5.8 GHz Two Tone, 15 dBm/Tone, 5 MHz Spacing 2.4 GHz 5.3 GHz 5.8 GHz 2.4 GHz 5.3 GHz 5.8 GHz PIN = 20 dBm 2.4 GHz 5.8 GHz PIN = 20 dBm 2.4 GHz 5.8 GHz 10% to 90% RF 90% to 10% RF 50% control to 90% RF, and 50% control to 10% RF -- |Vc| = 3 V
Units
dB dB dB dB dB dB dB dB dB dB dBm dBm dBm dBm dBm dBm dBm dBm dBm dBc dBc dBc dBc nS nS nS mV A
Min.
-- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
Typ.
0.75 0.80 1.00 1.20 43 27 7 12 20 10 93 86 84 55 52 51 35 31 31 -76 -70 -76 -77 80 88 120 6 6
Max.
-- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- -- --
Isolation (on/off or off/on) Isolation (on/on or off/off) Return Loss IP2
IP3
Input P-1dB
2nd Harmonic
3rd Harmonic
Trise, Tfall Ton, Toff Transients Control Current
3. For positive voltage control, external DC blocking capacitors are required on all RF ports. 4. Insertion loss can be optimized by varying the DC blocking capacitor value.
2
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
Evaluation Board for Lead-Free 3 mm 12-lead PQFN Package
MASW-007656 V1P
C1 C4 C3 C2
U1
Application Schematic
C1, C2, C3, C4 = 8 pF
Truth Table 7,8
Control VC1
1
C2
Control VC2
0 1 1 0
ANT 1 ANT 1 ANT 2 ANT 2 - Rx - Tx - Tx - Rx
On Off Off Off Off On Off Off On Off Off Off Off On Off Off
C1
GND Tx
0 1 0
Rx GND GND
GND GND
7. 1 = +2.9 V to +5 V, 0 = 0 V + 0.2 V. 8. Differential voltage, V(state 1) - V(state 0), must be 2.7 V minimum and must not exceed 8.5 V.
Vc1 ANT1 ANT2
Vc2
GND
Handling Procedures
Please observe the following precautions to avoid damage:
C4
C3
Static Sensitivity Absolute Maximum Ratings
Parameter
Input Power @ 3 V Control Input Power @ 5 V Control Voltage Operating Temperature Storage Temperature
5,6
Absolute Maximum
+31 dBm +34 dBm 8.5 volts -40C to +85C -65C to +150C
Gallium Arsenide Integrated Circuits are sensitive to electrostatic discharge (ESD) and can be damaged by static electricity. Proper ESD control techniques should be used when handling these devices.
5. Exceeding any one or combination of these limits may cause permanent damage to this device. 6. M/A-COM does not recommend sustained operation near these survivability limits. 3
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
Typical Performance Curves, 8 pF Blocking Caps
Insertion Loss
2.0
+25C -30C +85C
MASW-007656 V1P
Isolation
50
45
+25C -30C +85C
1.5
40
1.0
35
0.5
30
0.0 2 3 4 5 6
25 2 3 4 5 6
Frequency (GHz)
Frequency (GHz)
Antenna Ports Return Loss
0
+25C -30C +85C
TX/RX Ports Return Loss
0
+25C -30C +85C
-10
-10
-20
-20
-30
-30
-40 2 3 4 5 6
-40 2 3 4 5 6
Frequency (GHz)
Frequency (GHz)
4
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
Typical Performance Curves, 3 pF Blocking Caps
Insertion Loss
2.0
+25C -30C +85C
MASW-007656 V1P
Isolation
45
+25C
1.5
40
-30C +85C
1.0
35
0.5
30
0.0 2.0
25
3.0 4.0 5.0 6.0
2
3
4
5
6
Frequency (GHz)
Frequency (GHz)
Antenna Ports Return Loss
0
+25C -30C +85C
TX/RX Ports Return Loss
0
+25C -30C +85C
-10
-10
-20
-20
-30
-30
-40 2 3 4 5 6
-40 2 3 4 5 6
Frequency (GHz)
Frequency (GHz)
5
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.
RoHS Compliant
GaAs Broadband DPDT Diversity Switch DC - 6.0 GHz
Lead-Free 3 mm 12-Lead PQFN
MASW-007656 V1P
Reference Application Note M538 for lead-free solder reflow recommendations.
6
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice. M/A-COM makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does M/A-COM assume any liability whatsoever arising out of the use or application of any product(s) or information.
* North America Tel: 800.366.2266 / Fax: 978.366.2266 * Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300 * Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298 Visit www.macom.com for additional data sheets and product information.


▲Up To Search▲   

 
Price & Availability of MASW-007656

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X